Part Number Hot Search : 
102MP3 PF240A25 RTL82 01089 BPC2508 STD83 AM29F01 AD734
Product Description
Full Text Search
 

To Download IXFT36N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 500 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 500 v v gs continuous 30 v v gsm transient 40 v i d25 t c = 25 c36a i dm t c = 25 c, pulse width limited by t jm 90 a i ar t c = 25 c36a e ar t c = 25 c50mj e as t c = 25 c 1.5 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 3 ? p d t c = 25 c 540 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. weight to-247 6 g to-268 5 g plus220 2 g g = gate d = drain s = source tab = drain ds99364e(03/06) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 500 v v gs(th) v ds = v gs , i d = 4 ma 3.0 5.0 v i gss v gs = 30 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 500 a r ds(on) v gs = 10 v, i d = 0.5 i d25 170 m ? pulse test, t 300 s, duty cycle d 2 % polarhv tm hiperfet power mosfet n-channel enhancement mode avalanche rated fast intrinsic diode features l international standard packages l unclamped inductive switching (uis) rated l low package inductance - easy to drive and to protect advantages l easy to mount l space savings l high power density ixfh 36n50p ixft 36n50p ixfv 36n50p ixfv 36n50ps v dss = 500 v i d25 = 36 a r ds(on) 170 m ? ? ? ? ? t rr 200 ms to-247 ad (ixfh) to-268 (ixft) g s g s d plus220 (ixfv) d (tab) g s plus220smd (ixfv...s) d (tab) d (tab) d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh36n50p ixft 36n50p ixfv 36n50p ixfv 36n50ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , pulse test 23 36 s c iss 5500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 510 pf c rss 40 pf t d(on) 25 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 27 ns t d(off) r g = 3 ? (external) 75 ns t f 21 ns q g(on) 93 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 30 nc q gd 31 nc r thjc 0.23 c/w r thcs (to-247) 0.21 c/w (plus220) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 36 a i sm repetitive 90 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25a, 200 ns q rm -di/dt = 100 a/ s 0.8 c i rm v r = 100v 8.0 a to-268 (ixft) outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 plus220smd (ixfv_s) outline to-247 (ixfh) outline terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc
? 2006 ixys all rights reserved ixfh36n50p ixft 36n50p ixfv 36n50p ixfv 36n50ps fig. 2. extended output characteristics @ 25 o c 0 10 20 30 40 50 60 70 80 0 2 4 6 8 10 12 14 16 18 20 22 24 v d s - volts i d - amperes v gs = 10v 8v 5.5v 5v 6v 6.5v 7v fig. 3. output characteristics @ 125 o c 0 4 8 12 16 20 24 28 32 36 02 46 810121416 v d s - volts i d - amperes v gs = 10v 7v 6v 4.5v 5v 5.5v fig. 1. output characteristics @ 25 o c 0 4 8 12 16 20 24 28 32 36 01234567 v d s - volts i d - amperes v gs = 10v 8v 7v 5v 6v 5.5v fig. 4. r ds(on ) norm alize d to i d = 18a value vs. junction tem perature 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized i d = 36a i d = 18a v gs = 10v fig. 6. drain current vs. case tem perature 0 5 10 15 20 25 30 35 40 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alize d to i d = 18a value vs. drain current 0.6 1 1.4 1.8 2.2 2.6 3 3.4 0 1020304050607080 i d - amperes r d s ( o n ) - normalized t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixfh36n50p ixft 36n50p ixfv 36n50p ixfv 36n50ps fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 102030405060708090100 q g - nanocoulombs v g s - volts v ds = 250v i d = 18a i g = 10m a fig. 7. input adm ittance 0 5 10 15 20 25 30 35 40 45 50 55 44.5 55.5 66.5 7 v g s - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 70 0 102030405060708090 i d - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 10 20 30 40 50 60 70 80 90 100 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. fo r w ar d-bias safe operating area 1 10 100 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc r ds(on) limit 10ms 25s
? 2006 ixys all rights reserved ixfh36n50p ixft 36n50p ixfv 36n50p ixfv 36n50ps plus220 (ixfv) outline fig. 13. m axim um transie nt the rm al re sis tance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds r ( t h ) j c - o c / w ixys ref: f_36n50p (7j) 03-29-06-d.xls


▲Up To Search▲   

 
Price & Availability of IXFT36N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X